Part Number Hot Search : 
CJ110 IR2114 MAH36003 BA6124 TDA7502 P40NF 1SMA5924 ADG604
Product Description
Full Text Search
 

To Download CMZ27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmz12~cmz53 2013-11-01 1 toshiba zener diode silicon diffused type cmz12~cmz53 applications: communication, control and measurement equipment constant voltage regulation transient suppressors ? average power dissipation : p = 2.0 w ? zener voltage : v z = 12 v ~ 53 v ? suitable for compact assembly due to small surface-mount package ?m ? flat tm ? (toshiba package name) absolute maximum ratings (ta = 25c) characteristics symbol rating unit power dissipation p 2.0 (note 1) w junction temperature t j ?40~150 c storage temperature range t stg ?40~150 c note 1: ta = 30c device mounted on a ceramic board board size: 50 mm 50 mm soldering size: 2 mm 2 mm board thickness: 0.64 t note 2: using continuously under heavy loads (e.g. t he application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temper ature/current/voltage, etc. ) are within the absolute maximum ratings. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/derating concept and methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). standard soldering pad unit: mm jedec D jeita D toshiba 3-4e1a weight: 0.023 g (typ.) 3.0 1.4 2.1 unit: mm 1.4 start of commercial production 2002-10
cmz12~cmz53 2013-11-01 2 electrical characteristics (ta = 25c) zener voltage vz (v) zener impedance r d ( ) temperature coefficient of zener forward voltage v f (v) reverse current i r ( a) t (mv/c) type min typ. max measure- ment current i z (ma) max measure- ment current i z (ma) typ. max max measure- ment current i f (a) max measure- ment voltage v r (v) cmz12 10.8 12 13.2 10 30 10 8 13 1.2 0.2 10 8 cmz13 11.7 13 14.3 10 30 10 9 14 1.2 0.2 10 9 cmz15 13.5 15 16.5 10 30 10 11 17 1.2 0.2 10 10 cmz16 14.4 16 17.6 10 30 10 12 19 1.2 0.2 10 11 cmz18 16.2 18 19.8 10 30 10 14 23 1.2 0.2 10 13 cmz20 18.0 20 22.0 10 30 10 16 26 1.2 0.2 10 14 cmz22 19.8 22 24.2 10 30 10 18 28 1.2 0.2 10 16 cmz24 21.6 24 26.4 10 30 10 20 32 1.2 0.2 10 17 CMZ27 24.3 27 29.7 10 30 10 23 36 1.2 0.2 10 19 cmz30 27.0 30 33.0 10 30 10 25 40 1.2 0.2 10 21 cmz33 29.7 33 36.3 10 30 10 26 41 1.2 0.2 10 26.4 cmz36 32.4 36 39.6 9 30 9 28 45 1.2 0.2 10 28.8 cmz39 35.1 39 42.9 8 35 8 30 48 1.2 0.2 10 31.2 cmz43 38.7 43 47.3 7 40 7 33 53 1.2 0.2 10 34.4 cmz47 42.3 47 51.7 6 65 6 38 60 1.2 0.2 10 37.6 cmz51 45.9 51 56.1 6 65 6 43 68 1.2 0.2 10 40.8 cmz53 47.7 53 58.3 5 85 5 49 77 1.2 0.2 10 42.4 marking abbreviation code part no. 12 cmz12 13 cmz13 15 cmz15 16 cmz16 18 cmz18 20 cmz20 22 cmz22 24 cmz24 27 CMZ27 30 cmz30 33 cmz33 36 cmz36 39 cmz39 43 cmz43 47 cmz47 51 cmz51 53 cmz53
cmz12~cmz53 2013-11-01 3 handling precaution 1) the absolute maximum ratings denote the absolute maximum ratings, which are rate d values and must not be exceeded during operation, even fo r an instant. the following are the general derating methods that we recommend when you design a circuit with a device. p : we recommend that the worst case power dissipation be no greater than 50% of the absolute maximum rating of power dissipa tion. carry out adequate heat design. p rsm : we recommend that a device be used wi thin the recommended area in thefigure, p rsm -tw. t j : derate this rating when using a devi ce in order to ensure high reliability. we recommend that the device be used at a t j of below 120c. 2) thermal resistance between junction and ambient fluc tuates depending on the device?s mounting condition. when using a device, design a circuit board and a so ldering land size to match the appropriate thermal resistance value. 3) please refer to the rectifiers databook for further information.
cmz12~cmz53 2013-11-01 4 0.1 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 0 5 10 15 20 25 10 14 18 22 26 0 20 40 60 80 100 120 140 160 0 0.4 0.8 1.2 1.6 2 2.4 10 100 1000 0.1 1 10 25 30 35 40 45 50 26 30 34 38 42 46 50 54 58 ta m a x ? p maximum allowable temperature ta m a x ( c ) power dissipation p (w) p rsm ? t w (reference value) non-repetitive peak reverse power dissipation p rsm (w) pulse width t w (ms) t ? v z (typ.) temperature coefficient of zener voltage t (mv/c) zener voltage v z (v) t ? v z (typ.) temperature coefficient of zener voltage t (mv/c) zener voltage v z (v) cmz12~CMZ27 cmz30~cmz53 recommended ta = 25c rectan g ular p ulse p rsm t w device mounted on a ceramic board: board size: 50 mm 50 mm soldering land: 2.0 mm 2.0 mm board thickness: 0.64 t device mounted on a ceramic board: soldering land: 2.0 mm 2.0 mm r th (j-a) ? t transient thermal impedance r th (j - a) ( c/w ) time t (s) device mounted on a glass-epoxy board: soldering land: 2.1 mm 1.4 mm device mounted on a glass-epoxy board: soldering land: 6.0 mm 6.0 mm
cmz12~cmz53 2013-11-01 5 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collect ively "toshiba"), reserve the right to make changes to the in formation in this document, and related hardware, software and systems (collectively "product") without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba's written permission, reproduc tion is permissible only if reproduction is without alteration/omission. ? though toshiba works continually to improve product's quality and reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid situations in which a ma lfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own applications, cu stomers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specifications, the data sheets and application notes for product and the precautions and condi tions set forth in the "toshiba semiconductor reliability handbook" and (b) the instructions for the application with which the product will be us ed with or for. customers are solely responsible for all aspe cts of their own product design or applications, including but not limited to (a) determining the appropriateness of the use of this product in such design or applications; (b) eval uating and determining the applicability of any info rmation contained in this document, or in c harts, diagrams, programs, algorithms, sample application circuits, or any other referenced documents; and (c) validating all operatin g parameters for such designs and applications. toshiba assumes no liability for customers' product design or applications. ? product is neither intended nor warranted fo r use in equipments or systems that require extraordinarily high levels of quality and/or reliability, and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage and/or serious public impact ( " unintended use " ). except for specific appl ications as expressly stated in this document, unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equipment used f or automobiles, trains, ships and other transportation, traffic si gnaling equipment, equipment used to control combustions or expl osions, safety devices, elevators and escalators, devices related to electric power, and equipment used in finance-related fields. if you use product for unintended use, toshiba assumes no liability for product. for details, please contact your toshiba sales representative. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability wh atsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related so ftware or technology for any military purposes, including without limitation, for the design, development, use, stockpiling or m anufacturing of nuclear, chemical , or biological weapons or missi le technology products (mass destruction w eapons). product and related software and technology may be controlled under the applicable export laws and regulations including, without limitat ion, the japanese foreign exchange and foreign trade law and t he u.s. export administration regulations. export and re-export of pr oduct or related software or technology are strictly prohibit ed except in compliance with all appl icable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclusion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result of noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of CMZ27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X